PART |
Description |
Maker |
MAX3440E MAX3440EAPA MAX3440EASA MAX3440EEPA MAX34 |
15kV ESD-Protected, 60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers " ?0V Fault-Protected, 10Mbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" "?0V Fault-Protected, ?5kV ESD Protected, 10Mbps, Fail-Safe RS-485 Transceiver with Shutdown" "?0V Fault-Protected, 250kbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" 15kV ESD-Protected 60V Fault-Protected 10Mbps Fail-Safe RS-485/J1708 Transceivers 15kV ESD-Protected / 60V Fault-Protected / 10Mbps / Fail-Safe RS-485/J1708 Transceivers 【15kV ESD-Protected, 【60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
5962-9223005M3X 5962-9223002M3X |
Octal D-Type Flip-Flop ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers 八路D类触发器
|
Maxim Integrated Products, Inc.
|
5962-9222901M3X 5962-9222904M3X 5962-9222901MKX 59 |
9-Bit D-Type Flip-Flop ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver 8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers 9位D型触发器
|
Littelfuse, Inc.
|
ISL31491E ISL31491EIBZ ISL31498E ISL31498EIBZ ISL3 |
LINE TRANSCEIVER, PDSO8 ±60V Fault Protected, 5V, RS-485/RS-422 Transceivers with ±25V Common Mode Range 卤60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 卤25V Common Mode Range 隆戮60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 隆戮25V Common Mode Range
|
Intersil Corporation
|
MP3275 MP3275AE |
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem 故障保护16频道2位数据采集子系统 Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem 16-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PQFP44
|
Exar, Corp. Exar Corporation
|
UJA106110 |
Fault-tolerant CAN/LIN fail-safe system basis chip
|
NXP Semiconductors
|
MAX13223EEUP MAX13223E |
隆戮70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver ±70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
|
Maxim Integrated Products
|
MAX13041ASD_V MAX13041ASD MAX1304108 MAX13041ASD/V |
±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN 卤80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN 隆戮80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
|
Maxim Integrated Products
|
MAX3280EAUKT MAX3281EAUT MAX3281EAUTT MAX3280E11 M |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers LINE RECEIVER, PDSO5
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX4631 MAX4631CPE MAX4631CSE MAX4631EPE MAX4631ES |
Fault-Protected / High-Voltage / Dual Analog Switches From old datasheet system Fault-Protected, High-Voltage, Dual Analog Switches
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HI3-0508A-5 HI3-509A HI3-0509A-5 MAX358 MAX359EWE |
Fault-Protected Analog Multiplexer
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|